Part Number Hot Search : 
6220G GT5G102 GI7918A MD2369B KBPC3 MM1495X 2SC46 AK4388ET
Product Description
Full Text Search
 

To Download DZ23C8V2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DZ23C2V7 - DZ23C51
300mW DUAL SURFACE MOUNT ZENER DIODE Features
* * * * * Dual Zeners in Common Cathode Configuration 300 mW Power Dissipation Ideally Suited for Automatic Insertion D VZ For Both Diodes in One Case is 5% Common Anode Style Available See AZ Series
TOP VIEW
SOT-23 Dim
A
Min 0.37 1.20 2.30 0.89 0.45 1.78 2.80 0.013 0.903 0.45 0.085 0
Max 0.51 1.40 2.50 1.03 0.60 2.05 3.00 0.10 1.10 0.61 0.180 8
A B
B C
Mechanical Data
* * * * * * * Case: SOT-23, Molded Plastic Case material - UL Flammability Rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Terminals: Solderable per MIL-STD-202, Method 208 Polarity: See Diagram Marking: Marking Code (See Page 2) Approx. Weight: 0.008 grams
E D G H
C D E G H J
L
K J
M
K L M a
All Dimensions in mm
Maximum Ratings
@TA = 25C unless otherwise specified Characteristic Symbol Pd RqJA Tj ,TSTG Value 300 417 -65 to +150 Unit mW C/W C
Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range
Ordering Information
Device
(Note 4) Packaging SOT-23 Shipping 3000/Tape & Reel
(Type Number)-7*
* Add "-7" to the appropriate type number in Table on Page 2 example: 6.2V Zener = DZ23C6V2-7. Note: 1. Mounted on FR4 PC Board with recommended pad layout which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration test pulse used to minimize self-heating effect. 3. f = 1KHz. 4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
DS18002 Rev. 8 - 2
1 of 3 www.diodes.com
DZ23C2V7-DZ23C51
Electrical Characteristics
Zener Voltage Range (Note 2) @ IZT = 5.0mA VZ (Volts) DZ23C2V7 DZ23C3V0 DZ23C3V3 DZ23C3V6 DZ23C3V9 DZ23C4V3 DZ23C4V7 DZ23C5V1 DZ23C5V6 DZ23C6V2 DZ23C6V8 DZ23C7V5 DZ23C8V2 DZ23C9V1 DZ23C10 DZ23C11 DZ23C12 DZ23C13 DZ23C15 DZ23C16 DZ23C18 DZ23C20 DZ23C22 DZ23C24 DZ23C27 DZ23C30 DZ23C33 DZ23C36 DZ23C39 DZ23C43 DZ23C47 DZ23C51 Note: KV1 KV2 KV3 KV4 KV5 KV6 KV7 KV8 KV9 KVA KVB KVC KVD KVE KVF KVG KVH KVI KVJ KVK KVL KVM KVN KVO KVP KVQ KVR KVS KVT V30/KVU V31/KVV V32/KVW 2.5-2.9 2.8-3.2 3.1-3.5 3.4-3.8 3.7-4.1 4.0-4.6 4.4-5.0 4.8-5.4 5.2-6.0 5.8-6.6 6.4-7.2 7.0-7.9 7.7-8.7 8.5-9.6 9.4-10.6 10.4-11.6 11.4-12.7 12.4-14.1 13.8-15.6 15.3-17.1 16.8-19.1 18.8-21.2 20.8-23.3 22.8-25.6 25.1-28.9 28-32 31-35 34-38 37-41 40-46 44-50 48-54
@TA = 25C unless otherwise noted Min. Reverse Voltage (Note 2) @ IR = 0.1A TC (%/C) -0.065 -0.060 -0.055 -0.055 -0.050 -0.035 -0.015 +0.005 +0.020 +0.030 +0.045 +0.050 +0.055 +0.065 +0.065 +0.070 +0.075 +0.080 +0.080 +0.090 +0.090 +0.090 +0.090 +0.090 +0.090 +0.090 +0.090 +0.090 +0.110 +0.110 +0.110 +0.110 VR (Volts) -- -- -- -- -- -- -- 0.8 1.0 2.0 3.0 5.0 6.0 7.0 7.5 8.5 9.0 10.0 11.0 12.0 14.0 15.0 17.0 18.0 20.0 22.5 25.0 27.0 29.0 32.0 35.0 38.0
Maximum Zener Impedance (Note 3) ZZT @ IZT = 5.0mA Ohms 83 95 95 95 95 95 78 60 40 10 8.0 7.0 7.0 10 15 20 20 25 30 40 50 50 55 80 80 80 80 90 90 100 100 100 ZZK @IZK = 1.0mA Ohms 500 500 500 500 500 500 500 480 400 200 150 50 50 50 70 70 90 110 110 170 170 220 220 220 250 250 250 250 300 700 750 750
Type Number
Marking Code
Typical Temperature Coefficient
2. Short duration test pulse used to minimize self-heating effect. 3. f = 1KHz.
Marking Information
XXX
Date Code Key Month Code Month Code 1998 J Jan 1 1999 K Feb 2 2000 L March 3 2001 M Apr 4
XXX = Product Type Marking Code YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
YM
2002 N May 5
2003 P Jun 6
2004 R Jul 7
2005 S Aug 8
2006 T Sep 9
2007 U Oct O
2008 V Nov N
2009 W Dec D
DS18002 Rev. 8 - 2
2 of 3 www.diodes.com
DZ23C2V7-DZ23C51
500
50
Tj = 25C
C2V7
C3V9
C5V6 C6V8
C3V3
C4V7
Pd, POWER DISSIPATION (mW)
IZ, ZENER CURRENT (mA)
400
40
C8V2 C9V1
300
30
200
20
100
10
Test Current IZ 5.0mA
0 0 100 200
0 0 1
TA, Ambient Temperature, (C)
Fig. 1 Power Derating Curve
3 4 5 6 8 9 7 VZ, ZENER VOLTAGE (V) Fig. 2 Zener Breakdown Characteristics
2
10
30
Tj = 25C
C10 C12
10
Tj = 25C
C39
C47 C43 C51
IZ, ZENER CURRENT (mA)
20
C15
IZ, ZENER CURRENT (mA)
8
6
Test Current IZ 5mA
C18
10
Test current IZ 5mA
C22 C27 C33 C36
4
2
0 0 10 20 30 VZ, ZENER VOLTAGE (V) Fig. 3 Zener Breakdown Characteristics 40
0 10 30 40 50 60 70 80 90 100 VZ, ZENER VOLTAGE (V) Fig. 4 Zener Breakdown Characteristics 20
1000
Tj = 25 C
CT, TOTAL CAPACITANCE (pF)
VR = 1V VR = 2V
100
VR = 1V
VR = 2V
10 1 10 100
VZ, NOMINAL ZENER VOLTAGE (V) Fig. 5 Total Capacitance vs Nominal Zener Voltage
DS18002 Rev. 8 - 2
3 of 3 www.diodes.com
DZ23C2V7-DZ23C51


▲Up To Search▲   

 
Price & Availability of DZ23C8V2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X